PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
IR3529MTRPBF |
A full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs.
|
International Rectifier
|
IR3507ZM IR3507ZMTRPBF |
A full featured and flexible way to implement power solutions for the latest high performance CPUs and ASICs.
|
International Rectifier
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
HSMH-C220 HSMA-C220 HSMD-C220 HSML-C220 HSMS-C220 |
Agilent HSMH-C220 High Performance ChipLED Agilent HSMA-C220 High Performance ChipLED Agilent HSMD-C220 High Performance ChipLED 安捷伦HSML - C220高性能采用的ChipLED 安捷伦硬件安全模 C220高性能采用的ChipLED 安捷伦HSMY - C220高性能采用的ChipLED Agilent HSMG-C220 High Performance ChipLED 安捷伦HSMG - C220高性能采用的ChipLED Agilent HSMS-C220 High Performance ChipLED
|
Sanken Electric Co., Ltd.
|
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HCMS-39X2 HCMS-3902 HCMS-3904 HCMS-3912 HCMS-3914 |
HCMS-3974 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3972 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3964 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3962 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3914 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3912 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3904 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3902 · 3.3V High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HPC0402A |
SMD silicon capacitor up to 15 GHz;
High-performance; high-precision; High Performance/ High Precision Surface Mount 0402 Capacitor High Performance, High Precision Surface Mount 0402 Capacitor
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
MC1456G MC1556U MC1556G MC1456C MC1456 MC1556 MC14 |
INTERNALLY COMPENSATED, HIGH PERFORMANCE OPERATONAL AMPLIFIER High Performance Operational Amplifier
|
MOTOROLA INC MOTOROLA[Motorola, Inc]
|